Part Number Hot Search : 
2N942 16VME3T VC2G0 MPQ2907 CW7815 1N5267B B20100C 20043
Product Description
Full Text Search
 

To Download IPS7071GPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet no. pd60309 IPS7071GPBF protected high side switch features ? over temperature shut dow n (w ith auto-restart) ? short circuit protection (current limit) ? active clamp ? o p e n l o a d d e t e c t i o n f r o m p o w er ground e c t i o n e s c r i p t i o n is a fully pr otected five terminal high ? l o g i c g r o u n d i s o l a t e d ? esd protection ? g r o u n d l o s s p r o t ? status feedback d t h e i p s 7 0 7 1 g p b f side sw itch w i th built in s hort circuit, over-temperature, esd protection, inductive load capability and diagnostic feedback. t he output current is limited at ilim value. current limitation is activate d until the thermal protection acts. t he over-temperature pr otection turns off the device if the junction temperatur e exceeds t s hutdow n. it w ill automatically restart after the junction has cooled 7c below t s hutdow n. a diagnostic pin is provided for status feedback of short circuit, ov er-temperature and open load detection. t he double level shifter circuitry allow s large offsets betw een the logi c ground and the load. product summary rds(on) 110m ? max . vclamp 70v i limit 5a open load 3v package so 8 IPS7071GPBF t y pical connection out control dg rin vcc load +bat input signal v diag in gnd rdg pull-up resistor for op en load off detection 15k +5v www.irf.com 1
IPS7071GPBF absolute maximum ratings absolute maximum ratings indicate sustained limits bey ond w h ich damage to the device may occur. all voltage parameters are referenced to ground lead. (tambient =25c unless otherw i se specified). sy mbol parameter min. max. units vout maximum output voltage vcc-65 vcc+0.3 voffset maximum logic ground to load ground offset vcc-65 vcc+0.3 vin maximum input voltage -0.3 5.5 vcc max. maximum vcc voltage ? 65 vcc cont. maximum continuous vcc voltage ? 35 v iin max . max i mum in current -1 10 idg max. maximum diagnostic output current -1 10 ma vdg maximum diagnostic output voltage -0.3 5.5 v maximum pow er dissipation (internally limited by thermal protection) pd rth=100c/w ? 1.25 w isd cont. maximum continuous diode current (rth=100c/w) ? 1.8 a esd1 electrostatic discharge voltage (human body ) 100pf, 1500 ? ? 4 esd2 electrostatic discharge volt age (machine model) c=200pf,r=0 ? ,l=10h ? 0.5 kv tj max. max. storage & operating temper ature junction temperature -40 +150 c thermal characteristics sy mbol parameter ty p. max. units rth1 thermal resistance junction to ambient ips7071g 100 ? c/w recommended operating conditions these values are given for a quick desi gn. for operation outside these conditions , please consult the application notes. sy mbol parameter min. max. units vih high level input voltage 4 5.5 vil low level input voltage -0.3 0.9 iout continuous drain current, tamb= 85c, tj=125c, vin=5v, rth=100c/w ? 1.5 a rin recommended resistor in series w i th in pin 4 10 rdgs recommended resistor in series w i th dg pin 10 20 rol recommended pull-up resistor for open load detection 5 100 k ? www.irf.com 2
IPS7071GPBF s t a t i c e l e c t r i c a l c h a r a c t e r i s t i c s ma x . units te s t conditions tj=25c, vcc=14v (unless otherw i se specified) sy mbol pa ra me te r min. ty p . o n s t a t e r e s i s t a n c e t j = 2 5 c ? 80 110 , 5 v i n = 5 v i o u t = 2 . a o n s t a t e r e s i s t a n c e t j = 1 5 0 c ( 1 ) ? 130 175 a v i n = 5 v , i o u t = 2 . 5 r d s ( o n ) ? 90 120 m ? a on state resistance tj=25c, vcc=6.5v v i n = 5 v , i o u t = 2 . 5 v c c o p . 6 ? 3 5 o p e r a t i n g v o l t a g e r a n g e v c l a m p 1 v c c t o o u t c l a m p v o l t a g e 1 65 70 ? iout=10ma (see fig. 1) v c l a m p 2 vcc to out clamp voltage 2 (1) ? 70 75 iout=1a (see fig. 1) vf body diode forw a r d v o l t a g e ? 1 1.35 v i o 2 . 5 a u t = icc off supply current w hen off ? 2.5 10 a v v , vout=0v i n = 0 i c c o n ? 2.5 3.5 ma v supply current w hen on v i n = 5 i o u t @ 0 v v 0 v output leakage current ? 1.1 1 0 o u t = i o u t @ 6 v u t p u t l e a k a g e c u r r e n t 20 ? vout=6v o ? i d g l e a k a g e ? 10 a v 5 . 5 v diagnostic output leakage current ? d g = vdgl low level diagnostic output voltage ? 0 . 2 0 . 3 idg=1.6ma vih input high threshold voltage ? 2.5 3.5 vil input low threshold voltage 1 2 ? in hy s input hy steresis 0.15 0.4 1 uv high u n d e r v o l t a g e h i g h t h r e s h o l d v o l t a g e ? 5 5.9 uv low under voltage low t h r e s h o l d v o l t a g e 3.4 4.5 ? u v h y s u 0.8 1.5 v n d e r v o l t a g e h y steresis 0.1 i i n o n i n 40 80 a v p u t c u r r e n t w hen device is on ? v i n = 5 ( 1 ) g u a r a n t e e d b y design p min. ty p. ma x . units o n sw itching electrical characteristics vcc=14v, resistive load=14 ? , vin=5v, tj=25c sy m b o l a ra me te r te s t c n d i t i o s t d o n t ? 11 35 u r n - o n d e l a y time tr1 rise time to vout=vcc-5v ? 7 40 tr2 r s i s e t i m e t o v o u t = 0 . 9 x v c c ? 15 50 d v / d t ( o n ) t 1.3 4 v/s u r n o n d v / d t ? eon t 75 ? j u r n o n e n e r g y ? t d o f f t 4 5 u r n - o f f d e l a y time ? 2 3 tf fall time to vout=0.1 x vcc ? 6 25 s dv/dt (off) turn off dv/dt ? 2 6 v/s eoff turn off energy ? 25 ? j see fig. 3 tdiag vout to vdiag propagation delay ? 15 ? s see fig. 4 and fig. 12 www.irf.com 3
IPS7071GPBF protection characteristics sy mbol pa ra me te r min. ty p. ma x . units te s t conditions ilim internal current limit (2) 2 5 9 a vout=0v t s d + o d 150(2) v e r temperatur e h i g h t h r e s h o l 1 6 5 ? tsd- o v e r t e m p e r a t u r e l o w threshold ? 158 ? c see fig. 2 vsc s h o r t - c i r c u i t d e t e c t i o n v o l t a g e ( 3 ) 2 3 4 v o p e n l o a d open load detection threshold v 2 3 4 ( e d ( t o t t a b l g c out dg pin 2 ) g u a r a n t e b y design 3 ) r e f e r e n c e v c c r u t h e ope r a t i n o n d i t i o n s in n o r m a l h h h n o r m a l l l l o p e n l o a d h h h o p e n l o a d (3 ) h l h s h o r t c i r c u i t t o i m i t i n g ) l g n d h l ( l s h o r t c i r c u i t t o l g n d l l o v e r - t e m p e r a t u r e h l (cy c ling) l o v e r - t e m p e r a t u r e l l l (3 u l l - u p t a n d v ) w i t h a p r e s i s t o r c o n n e c t e d b e t w e e n t h e o u t p u c c . l e a d a s s i g n m e n t s 1 2 3 4 8 7 6 5 so 8 1 - o u t 2- gnd 3- dg 4 - in 5-6-7-8 v c c www.irf.com 4
IPS7071GPBF functional block diagram all values are ty p i c a l 150k ? in v cc ou t 66 v dri v er i li m i t 75 v i s e n s e - + charge pum p tj 1 65c level s h i fte r 1 58c 2 . 5 v 2 . 0 v 6v dg 6v gn d 3v + - 3v - + s hor t ci rcu i t 75 v v cc- gnd > u v 30 ? o p e n load gn d p r o t ecti o n l o s s www.irf.com 5
IPS7071GPBF vd s id s vin v cc v d s cl a m p t cl am p s ee a p p l i cat i o n no t es t o eval u a t e p o w er d i ss i p at i o n t j ilim ts d + ts d - iout vin lim itin g t h e r m a l cy clin g figure 1 ? a c tiv e clamp w a v e forms figure 2 ? protection timing diagram vin vd s v out 90 % 10 % 90 % 10 % t d on tr1 td o f f tf v cc- 5 v tr2 vi h v il vd g vc c vout vin vc c - v s c vo l tdi ag b l ank i ng di ag on b l ank i ng di ag off figure 4 ? diagnostic delay definition figure 3 ? sw itching times definition www.irf.com 6
IPS7071GPBF www.irf.com 7 0. 1 10 1 e +6 figure 6 ? max. output current (a ) vs load inductance (h) load i nductance (h) iout, output current (a) 1 1 e +2 1 e +3 1 e +4 1 e +5 vclam p iout vin in vc c ou t r l 0v 5v 14v - + vo ut re m : d u r i ng acti v e cl amp, vl oad i s neg ati v e d g gn d figure 5 ? a c tiv e clamp test circuit 0 - 5 15 0 figure 7 ? max. ouput current (a ) vs a m bient temperature (c) tamb, ambi ent temperature (c) ids, cont. output current (a) 1 2 3 4 5 0 0 5 0 100 0.1 1 0 0 zth, transient thermal impedance (c/w) ti me (s) figure 8 ? transient thermal impedance (c/w) vs time (s) 1.0 10.0 100.0 0 . 0001 0.001 0.01 0.1 1 10
IPS7071GPBF www.irf.com 8 0 100 200 300 400 500 01234 eo n eo ff 0 1 2 -5 0 0 5 0 1 00 1 50 vs junction temperature (c) tj, junction temperature (c) i limit ( a ) vs output current (a ) e o n , e o f f , s w i t c n g e n e r g y ( j ) i o u t , o u t p u t c u r r e n t ( a ) h i figure 10 ? sw itching energy (j) figure 9 ?i limit (a ) 2 4 6 8 1 0 50 % 100 % 150 % 200 % -50 0 50 100 15 0 rds(on), drain-to-source on resistance (normalized) 0 20 40 60 80 01 23 td i ag on td i ag of f blanking time ( s) tj, junction temperature (c) f i g u r j ( c ) vs output current (a ) output current (a) figure 12 ? diagnosis blanking time ( s) e 1 1 - n o r m a l i z e d r d s ( o n ) ( % ) v s t
IPS7071GPBF www.irf.com 9 1.e+ 0 1.e+ 1 1.e+ 2 1.e+ 3 1.e+ 4 0 5 1 0 15 20 25 30 35 icc o n icc o f f 1.e+ 0 1.e+ 1 1.e+ 2 1.e+ 3 1.e+ 4 -50 0 50 100 15 0 icc o n icc o f f icc on/ icc off, supply current (a) icc on/ icc off, supply current (a) v c c , p o w er suppl y vol t a g e ( v ) f i g u r e 1 3 ? s v c c ( v ) fi g ) tj ) , j uncti o n t e m p e r a t u r e ( c u r e 1 4 ? i c c o n / i c c o f f ( a ) v s t j ( c i c c o n / i c c o f f ( a ) v
IPS7071GPBF www.irf.com 10 case outline ? so8
IPS7071GPBF tape & reel - so8 ir world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 . data and specifications subj ect to change without notice s o8 is msl2 qualified this product has been designed and qualified for the automotive [q100] market. 6/24/2007 www.irf.com 11


▲Up To Search▲   

 
Price & Availability of IPS7071GPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X